PART |
Description |
Maker |
AWT6131M7P8 AWT6131 |
The AWT6131 provides the additional output power margin RF designers need to overcome additional post-PA insertion loss in tri-mode ... PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
|
Anadigics Inc ANADIGICS, Inc
|
ST19AF08 |
Smartcard MCU With 4 additional I/0
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AK21 AKV WPH80 AK20 KH20 KH15 |
Additional Support and Holders
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
VCE1 |
Additional Standard Crystal Oscillators
|
Vectron
|
SM39R16A6 |
Additional Baud Rate Generator for Serial port
|
SyncMOS Technologies,In...
|
AN1383 |
ADDITIONAL FEATURES OF THE M50FW080 8 MBIT FIRMWARE HUB
|
SGS Thomson Microelectronics
|
F16011 |
~35° medium beam. Clean appearance with no additional attachment interface
|
Ledil, Inc.
|
CBTL06DP212 CBTL06DP212EE |
CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
|
NXP Semiconductors
|
ADM489 ADM488 |
Low Power, Slew Rate Limited RS-485, Contains an Additional Receiver and Driver Enable Control
|
Analog Devices
|
PS222S |
3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
|
List of Unclassifed Manufacturers SiTi ETC[ETC]
|
SP2504NUTG |
The SP2504N integrates 4 channels of low capacitance diodes with an additional zener diode to protect sensitive I/O pins against lightning induced surge events and ESD.
|
Littelfuse
|
0850481782 85048-1782 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, with 4 additional high current solder contacts, 42 Circuits
|
Molex Electronics Ltd.
|